Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download MCP2003A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010-2011 microchip technology inc. ds22230d-page 1 mcp2003/4/3a/4a features ? the mcp2003/2003a and mcp2004/2004a are compliant with local interconnect network (lin) bus specifications 1.3, 2.0 and 2.1 and are compliant to sae j2602 ? support baud rates up to 20 kbaud with lin-compatible output driver ? 43v load dump protected ? very low emi meets stringent oem requirements ? very high esd immunity: - >20kv on vbb (iec 61000-4-2) - >14kv on lbus (iec 61000-4-2) ? very high immunity to rf disturbances meets stringent oem requirements ? wide supply voltage, 6.0v-27.0v continuous ? extended temperature range: -40 to +125c ? interface to pic ? mcu eusart and standard usarts ? lin bus pin: - internal pull-up resistor and diode - protected against battery shorts - protected against loss of ground - high current drive ? automatic thermal shutdown ? low-power mode: - receiver monitoring bus and transmitter off, ( ? 5a) description this device provides a bidirectional, half-duplex communication, physical interface to automotive and industrial lin systems to meet the lin bus specification revision 2.1 and sae j2602. the device is short- circuit and over-temperature protected by internal circuitry. the device has been specifically designed to operate in the automotive operating environment and will survive all specified transient conditions while meeting all of the stringent quiescent current requirements. mcp200x family members: ? 8-pin pdip, dfn and soic packages: - mcp2003, lin-compatible driver, with wake pins, wake up on falling edge of lbus - MCP2003A, lin-compatible driver, with wake pins, wake up on rising edge of lbus - mcp2004, lin-compatible driver, with fault /txe pins, wake up on falling edge of lbus - mcp2004a, lin-compatible driver, with fault /txe pins, wake up on rising edge of lbus package types mcp2004/ 2004a pdip, soic fault /txe cs/wake t xd v bb l bus 1 2 3 4 8 7 6 5 v ss v ren r xd mcp2003/ 2003a pdip, soic wake cs t xd v bb l bus 1 2 3 4 8 7 6 5 v ss v ren r xd mcp2003/ 2003a 4x4 dfn* wake cs t xd v bb l bus 1 2 3 4 8 7 6 5 v ss v ren r xd ep 9 mcp2004/ 2004a 4x4 dfn* fault /txe cs/wake t xd v bb l bus 1 2 3 4 8 7 6 5 v ss v ren r xd ep 9 * includes exposed thermal pad (ep); see table 1-1 . lin j2602 transceiver
mcp2003/4/3a/4a ds22230d-page 2 ? 2010-2011 microchip technology inc. mcp2003/2003a block diagram mcp2004/2004a block diagram ratiometric reference oc thermal protection v ren r xd t xd v bb l bus v ss ~30 k cs wake-up logic and power control short circuit protection 4.3v wake ratiometric reference oc thermal protection v ren fault/ txe r xd t xd v bb l bus v ss ~30 k cs/wake wake-up logic and power control short circuit protection 4.3v 4.3v
? 2010-2011 microchip technology inc. ds22230d-page 3 mcp2003/4/3a/4a 1.0 device overview the mcp2003/4/3a/4a devices provide a physical interface between a microcontroller and a lin bus. these devices will translate the cmos/ttl logic levels to lin logic level, and vice versa. it is intended for automotive and industrial applications with serial bus speeds up to 20 kbaud. lin specification 2.1 requires that the transceiver of all nodes in the system is connected via the lin pin, refer- enced to ground and with a maximum external termination resistance load of 510 from lin bus to battery supply. the 510 corresponds to 1 master and 15 slave nodes. the v ren pin can be used to drive the logic input of an external voltage regulator. this pin is high in all modes except for power-down mode. 1.1 external protection 1.1.1 reverse battery protection an external reverse-battery-blocking diode should be used to provide polarity protection (see example 1-1 ). 1.1.2 transient voltage protection (load dump) an external 43v transient suppressor (tvs) diode, between v bb and ground, with a 50 transient protection resistor (r tp ) in series with the battery supply and the v bb pin serve to protect the device from power transients (see example 1-1 ) and esd events. while this protection is optional, it is considered good engineering practice. 1.2 internal protection 1.2.1 esd protection for component-level esd ratings, please refer to the maximum operation specifications. 1.2.2 ground loss protection the lin bus specification states that the lin pin must transition to the recessive state when ground is disconnected. therefore, a loss of ground effectively forces the lin line to a high-impedance level. 1.2.3 thermal protection the thermal protection circuit monitors the die temperature and is able to shut down the lin transmitter. there are two causes for a thermal overload. a thermal shut down can be triggered by either, or both, of the following thermal overload conditions. ? lin bus output overload ? increase in die temperature due to increase in environment temperature driving the t xd and checking the r xd pin makes it possible to determine whether there is a bus contention (rx = low, tx = high) or a thermal overload condition (rx = high, tx = low). after a thermal overload event, the device will automatically recover once the die temperature has fallen below the recovery temperature threshold. see figure 1-1 . figure 1-1: thermal shutdown state diagram operation mode transmitter shutdown lin bus shorted to v bb te m p < shutdown temp
mcp2003/4/3a/4a ds22230d-page 4 ? 2010-2011 microchip technology inc. 1.3 modes of operation for an overview of all operational modes, refer to table 1-1 . 1.3.1 power-down mode in power-down mode, everything is off except the wake-up section. this is the lowest power mode. the receiver is off, thus its output is open-drain. on cs going to a high level or a falling edge on wake (mcp2003/MCP2003A only), the device will enter ready mode as soon as internal voltage stabilizes. refer to the ac spec table. in addition, lin bus activity will change the device from power-down mode to ready mode; mcp2003/4 wakes up on a falling edge of lin bus and mcp2003/4a on a rising edge, following a low level lasting at least 20 s of time. refer to figure 1-2 ? figure 1-5 about remote wake up. if cs is held high as the device transitions from power-down to ready mode, the device will transition to either operation or transmitter off mode, depending on txd input, as soon as internal voltages stabilize. 1.3.2 ready mode upon entering the ready mode, v ren is enabled and the receiver detect circuit is powered up. the transmit- ter remains disabled and the device is ready to receive data but not to transmit. upon vbb supply pin power-on, the device will remain in ready mode as long as cs is low. when cs transi- tions high, the device will either enter operation mode, if txd pin is held high, or the device will enter trans- mitter off mode, if txd pin is held low. 1.3.3 operation mode in this mode, all internal modules are operational. the device will go into the power-down mode on the falling edge of cs. for the mcp2003/4 device, a specific process should be followed to put all nodes into power-down mode. refer to section 1.6 ?enter power-down mode? and figure 1-6 . the device will enter transmitter off mode in the event of a fault condition. these include: thermal overload, bus contention and t xd timer expiration. the mcp2004/2004a device can also enter transmitter off mode if the fault /txe pin is pulled low. the vbb-lbus pull-up resistor is connected only in operation mode. 1.3.4 transmitter off mode transmitter off mode is reached whenever the transmitter is disabled either due to a fault condition or pulling the nfault/txe pin low on the mcp2004/ 2004a. the fault conditions include: thermal overload, bus contention or txd timer expiration. the device will go into power-down mode on the falling edge of cs, or return to operation mode if all faults are resolved and the fault /txe pin on the mcp2004/ 2004a is high. figure 1-2: operational mod es state diagram ? mcp2003 por vren off rx off tx off vbat>5.5v ready vren on rx on tx off toff mode vren on rx on tx off operation mode vren on rx on tx on power down vren off rx off tx off cs=1 & txd=0 cs=1 & txd=1 cs=1 & txd=1 & no fault fault (thermal or timer) cs=0 falling edge on lin or cs=1 or falling edge on wake pin cs=0
? 2010-2011 microchip technology inc. ds22230d-page 5 mcp2003/4/3a/4a figure 1-3: operational mode s state diagram ? MCP2003A figure 1-4: operational mod es state diagram ? mcp2004 por vren off rx off tx off vbat>5.5v ready vren on rx off tx off toff mode vren on rx on tx off operation mode vren on rx on tx on power down vren off rx off tx off cs=1 & txd=0 cs=1 & txd=1 cs=1 & txd=1 & no fault fault (thermal or timer) cs=0 rising edge on lin or cs=1 or falling edge on wake pin cs=0 por vren off rx off tx off vbat>5.5v ready vren on rx on tx off toff mode vren on rx on tx off operation mode vren on rx on tx on power down vren off rx off tx off cs=1 & (txe=0 or txd=0) cs=1 & txd=1 & txe=1 cs=1 & txd=1 &txe=1 & no fault fault (thermal or timeout) or fault/txe=0 cs=0 falling edge on lin or cs=1 cs=0
mcp2003/4/3a/4a ds22230d-page 6 ? 2010-2011 microchip technology inc. figure 1-5: operational mod es state diagram ? mcp2004a table 1-1: overview of operational modes state transmitter receiver vren operation comments por off off off check cs, if low then ready; if high transitions to either toff or operation mode, depending on txd (2003/a), or txd and fault/txe (2004/a). v bb > v bb (min) and internal supply stable ready off on on if cs high level, then either operation or txoff mode. bus off state operation on on on if cs low level, then power-down; if fault/txe low level, then transmitter off mode. normal operation mode power-down off activity detect off on cs high level, go to ready then either operation mode or txoff. mcp2003/2003a: falling edge on wake will put the device into ready mode. mcp2003/mcp2004: falling edge on lin bus will put the device into ready mode. MCP2003A/mcp2004a: rising edge on lin bus will put the device into ready mode. low power mode transmitter off off on on if cs low level, then power-down; if fault/txe and txd high, then operation mode fault/txe only available on mcp2004/2004a por vren off rx off tx off vbat>5.5v ready vren on rx on tx off toff mode vren on rx on tx off operation mode vren on rx on tx on power down vren off rx off tx off cs=1 & (txe=0 or txd=0) cs=1 & txd=1 & txe=1 cs=1 & txd=1 &txe=1 & no fault fault (thermal or timeout) or fault/txe=0 cs=0 rising edge on lin or cs=1 cs=0
? 2010-2011 microchip technology inc. ds22230d-page 7 mcp2003/4/3a/4a 1.4 typical applications example 1-1: typical mcp2003/2003a application example 1-2: typical mcp2004/2004a application lin bus 43v vbb lbus vren txd rxd vss vdd txd rxd +12 1.0 f cs i/o wake 50w 43v 1kw +12 master node only +12 3.9kw wake-up voltage reg (see note) note: for applications with current requirements of less than 20 ma, the connection to +12v can be deleted, and voltage to the regulator supplied directly from the v ren pin. 4.7kw optional resistor and transient suppressor lin bus 43v vbb lbus vren txd rxd vss vdd txd rxd 1.0 f cs/wake i/o fault/txe i/o 50w 43v 1kw +12 master node only +12 220 kw wake-up voltage reg 100 pf 4.7kw zd1 +12 optional resistor and transient suppressor
mcp2003/4/3a/4a ds22230d-page 8 ? 2010-2011 microchip technology inc. example 1-3: typical li n network configuration master c 1k v bb slave 1 c slave 2 c slave n <23 c 40m + return lin bus lin bus mcp200x lin bus mcp200x lin bus mcp200x lin bus mcp200x
? 2010-2011 microchip technology inc. ds22230d-page 9 mcp2003/4/3a/4a 1.5 pin descriptions table 1-2: pinout descriptions 1.5.1 receive data output (r xd ) the receive data output pin is an open drain (od) output and follows the state of the lin pin, except in power down mode. 1.5.2 cs (chip select) this is the chip select input pin. an internal pull-down resistor will keep the cs pin low. this is done to ensure that no disruptive data will be present on the bus while the microcontroller is executing a power-on reset and an i/o initialization sequence. the pin must detect a high level to activate the transmitter. an internal low- pass filter, with a typical time constant of 10 s, prevents unwanted wake-up (or transition to power down mode) on glitches. if cs = 0 when the v bb supply is turned on, the device goes to ready mode as soon as internal voltages sta- bilize, and stays there as long as the cs pin is held low (0). in ready mode, the receiver is on, and the lin transmitter driver is off. if cs = 1 when the v bb supply is turned on, the device will proceed to operation mode, or txoff (refer to figure 1-2 ? figure 1-5), as soon as internal voltages stabilize. this pin may also be used as a local wake-up input (refer to example 1-1 ). in this implementation, the microcontroller i/o controlling the cs should be converted to a high-impedance input allowing the internal pull-down resistor to keep cs low. an external switch, or other source, can then wake-up both the transceiver and the microcontroller (if powered). refer to section 1.3 ?modes of operation? , for detailed operation of cs. 1.5.3 wake up input (wake ) this pin is only available on the mcp2003/2003a. the wake pin has an internal 800k pull up to v bb . a falling edge on the wake pin causes the device to wake from power-down mode. upon waking, the mcp2003/3a will enter ready mode. 1.5.4 fault /txe this pin is only available on the mcp2004/2004a. this pin is bidirectional and allows disabling of the transmitter, as well as fault reporting related to disabling the transmitter. this pin is an open-drain output, with states as defined in table 1-3: ?fault/ txe truth table? . the transmitter is disabled whenever this pin is low (? 0 ?), either from an internal pin name 8-pin pdip, soic 8-pin dfn mcp2003/2003a mcp2004/2004a normal operation normal operation r xd 1 1 receive data output (od), hv tolerant receive data output (od), hv tol- erant cs 2 2 chip select (ttl), hv tolerant chip select/local wake (ttl), hv tolerant wake (mcp2003/2003a only) fault/txe (mcp2004/2004a only) 3 3 wake up, hv tolerant fault detect output (od) transmitter enable (ttl) hv tolerant t xd 4 4 transmit data input (ttl), hv tolerant transmit data input (ttl), hv tol- erant v ss 5 5 ground ground l bus 6 6 lin bus (bidirectional) lin bus (bidirectional) v bb 7 7 battery positive battery positive v ren 8 8 voltage regulator enable output voltage regulator enable output ep ? 9 exposed thermal pad. do not electrically connect or connect to vss exposed thermal pad. do not electrically connect or connect to vss legend: ttl = ttl input buffer; od = open-drain output note: it is not recommended to tie cs high as this can result in the device entering operation mode before the microcontroller is initialized and may result in unintentional lin traffic.
mcp2003/4/3a/4a ds22230d-page 10 ? 2010-2011 microchip technology inc. fault condition or by an external drive. while the transmitter is disabled, the internal 30 k pull-up resistor on the l bus pin is also disconnected to reduce current. table 1-3: f ault / txe truth table 1.5.5 transmit data input (t xd ) the transmit data input pin has an internal pull-up. the lin pin is low (dominant) when t xd is low, and high (recessive) when t xd is high. for extra bus security, t xd is internally forced to ? 1 ? whenever the transmitter is disabled regardless of external t xd voltage. 1.5.5.1 t xd dominant timeout if t xd is driven low for longer than approximately 25 ms, the lbus pin is switched to recessive mode and the part enters toff mode. this is to prevent the lin node from permanently driving the lin bus dominant. the transmitter is reenabled on t xd rising edge. 1.5.6 ground (v ss ) this is the ground pin. 1.5.7 lin bus (l bus ) the bidirectional lin bus pin (l bus ) is controlled by the t xd input. l bus has a current limited open collector output. to reduce emi, the edges during the signal changes are slope controlled and include corner rounding control for both falling and rising edges. the internal lin receiver observes the activities on the lin bus, and matches the output signal r xd to follow the state of the l bus pin. 1.5.7.1 bus dominant timer the bus dominant timer is an internal timer that deactivates the l bus transmitter after approximately 25 milliseconds of dominant state on the l bus pin. the timer is reset on any recessive l bus state. the lin bus transmitter will be reenabled after a recessive state on the l bus pin as long as cs is high. disabling can be caused by the lin bus being externally held dominant, or by t xd being driven low. additionally, on the mcp2004/2004a, the fault pin will be driven low to indicate the transmitter off state. 1.5.8 battery (v bb ) this is the battery positive supply voltage pin. 1.5.9 voltage regulator enable output (v ren ) this is the external voltage regulator enable pin. open source output is pulled high to v bb in all modes, except power-down. 1.5.10 exposed thermal pad (ep) do not electrically connect, or connect to vss. note: the fault /txe pin is true (? 0 ?) whenever the internal circuits have detected a short or thermal excursion and have disabled the l bus output driver. t xd in r xd out lin bus i/o thermal override fault/ txe definition external input driven output lhv bb off h l fault, t xd driven low, lin bus shorted to v bb ( note 1 ) hh v bb off h h ok l l gnd off h h ok h l gnd off h h ok, data is being received from the lin bus xxv bb on h l fault, transceiver in thermal shutdown xxv bb x l x no fault, the cpu is commanding the transceiver to turn off the transmitter driver legend: x = don?t care note 1: the fault /txe is valid after approximately 25 s after t xd falling edge. this is to eliminate false fault reporting during bus propagation delays.
? 2010-2011 microchip technology inc. ds22230d-page 11 mcp2003/4/3a/4a 1.6 mcp2003/4 and MCP2003A/4a difference details the differences between the mcp2003/4 and the mcp2003/4a devices are isolated to the wake-up functionality. the changes were implemented to make the device more robust to lin bus conditions, outside of the normal operating conditions. the mcp2003/4 will wake-up from power down mode during any lin falling edge held low longer than 20us. in the case where a lin system is designed to minimize stand-by current by disconnecting all bus pull-ups resistors (including the external master pull- up resistor to vbb), the original mcp2003/4 could wake up, if the floating bus drifted to a valid low level. the mcp2003/4a revisions were modified to require a rising edge after a valid low level. this will prevent an undesired system wake-up in this scenario, while maintaining functional capability with the original version. it should be noted that the original mcp2003/4 meets all lin transceiver specification requirements and modules can be designed to pass all lin system requirements. however, when all bus pull-up resistors are disconnected, the mcp2003/4 requires the module designer to write firmware to monitor the lin bus after any wake-up event to prevent the transceiver from automatically transitioning from ready mode to operational mode. if the mcp2003/4 is placed into operational mode, vbb-lbus pull-up resistor is automatically connected, which will raise the lin bus to a recessive level; then putting the device to power-down mode may cause lbus to be floating, and thus wake up all bus nodes. to prevent this, the designer should insure txd (mcp2003) or txe (mcp2004) is held low until valid bus activity is verified (see figure 1-6). this will ensure the transceiver transitions from ready mode to transmitter off mode, until bus activity can be verified. in the case of valid bus activity, the transceiver can shift to operation mode, while if there is no bus activity, the device can be again placed into power down. the design practices needed to accomplish this are fully detailed in tech brief tb3067 - ?mcp2003 power-down mode and wake-up handling in case of lin bus loss? (ds93067). the revised mcp2003/4a devices now eliminate the need for firmware to prevent system wide wake-up. the revised devices now require a longer valid bus low (see updated tbdb value in the specification tables and figure 2-7: ?MCP2003A/4a remote wake-up? ), which enables a rising edge detect circuit. the device will now only wake up after a rising edge, following a low longer than tbdb. while the module designer can still hold txd (mcp2003) or txe (mcp2004) low during wake-up, to enter transmitter off mode from ready mode, it is not required to prevent an advertent system wake-up. in addition to the longer tbdb value, the time from wake-up detect to vren enable is shortened as documented in the specification table. figure 1-6: mcp2003/2004 switching timing diagram for the forced power-down mode sequence txd v ren cs ready mode transmitter off mode power down mode after master sleep instruction power down mode t tx2cs >= 100ns t csactive >= 100s txd to 0 forced externally txd state depending on how the slave microcontroller is powered l bus state lin bus disconnected
mcp2003/4/3a/4a ds22230d-page 12 ? 2010-2011 microchip technology inc. 2.0 electrical characteristics 2.1 absolute maximum ratings? v in dc voltage on r xd , t xd , fault /txe, cs ............................................................................................. -0.3 to +43v v in dc voltage on w ake and v ren .............................................................................................................-0.3 to +vbb v bb battery voltage, continuous, non-operating ( note 1 )............................................................................. -0.3 to +40v v bb battery voltage, non-operating (lin bus recessive) ( note 2 ) ................................................................ -0.3 to +43v v bb battery voltage, transient iso 7637 test 1 ................................................................................... .................. -200v v bb battery voltage, transient iso 7637 test 2a .................................................................................. .................+150v v bb battery voltage, transient iso 7637 test 3a .................................................................................. ................. -300v v bb battery voltage, transient iso 7637 test 3b .................................................................................. .................+200v v lbus bus voltage, continuous....................................................................................................... ............... -18 to +40v v lbus bus voltage, transient ( note 3 ) ........................................................................................................... -27 to +43v i lbus bus short circuit current limit ............................................................................................... .....................200 ma esd protection on lin, v bb , wake (iec 61000-4-2) ( note 4 )............................................................................... 8 kv esd protection on lin, v bb (human body model) ( note 5 ) ................................................................................... 8 kv esd protection on all other pins (human body model) ( note 5 ) ............................................................................ 4 kv esd protection on all pins (charge device model) ( note 6 )................................................................................... 2 kv esd protection on all pins (machine model) ( note 7 ).............................................................................................200v maximum junction temperature ................................................................................................... .......................... 150 c storage temperature............................................................................................................ .......................-65 to +150 c note 1: lin 2.x compliant specification. 2: sae j2602 compliant specification. 3: iso 7637/1 load dump compliant (t < 500 ms). 4: according to iec 61000-4-2, 330 ohm, 150 pf and transceiver emc test specifications [2] to [4]. for wake pin to meet the specification, series resistor must be in place (refer to example 1-2 ). 5: according to aec-q100-002 / jesd22-a114. 6: according to aec-q100-011b. 7: according to aec-q100-003 / jesd22-a115. 2.2 nomenclature used in this document some terms and names used in this data sheet deviate from those referred to in the lin specifications. equivalent values are shown below. ? notice : stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device, at those or any other conditions above those indicated in the operational listings of this specification, is not implied. exposure to maximum rating conditions for extended periods may affect device reliability. lin 2.1 name term used in the following tables definition v bat not used ecu operating voltage v sup v bb supply voltage at device pin i bus _ lim i sc current limit of driver v busrec v ih (l bus ) recessive state v busdom v il (l bus ) dominant state
? 2010-2011 microchip technology inc. ds22230d-page 13 mcp2003/4/3a/4a 2.3 dc specifications dc specifications electrical characteristics: unless otherwise indicated, all limits are specified for: v bb = 6.0v to 30.0v t a = -40c to +125c parameter sym min. typ. max. units conditions power v bb quiescent operating current i bbq 90 150 a operating mode, bus recessive ( note 1 ) v bb transmitter-off current i bbto ? 75 120 a transmitter off, bus recessive ( note 1 ) v bb power-down current i bbpd ?5 15a v bb current with v ss floating i bbnognd -1 ? 1 ma v bb = 12v, gnd to v bb , v lin =0-27v microcontroller interface high level input voltage (t xd , fault /txe) v ih 2.0 ? 30 v low level input voltage (t xd , fault /txe) v il -0.3 ? 0.8 v high level input current (t xd , fault /txe) i ih -2.5 ? ? a input voltage = 4.0v low level input current (t xd , fault /txe) i il -10 ? ? a input voltage = 0.5v high level voltage ( v ren ) v hvren -0.3 ? v bb +0.3 high level output current (v ren ) i hvren -20 ? -10 ma output voltage = v bb - 0.5v high level input voltage (cs ) v ih 2.0 ? 30 v through a current limiting resistor low level input voltage (cs) v il -0.3 ? 0.8 v high level input current (cs) i ih ? ? 10.0 a input voltage = 4.0v low level input current (cs) i il ? ? 5.0 a input voltage = 0.5v low level input voltage (wake ) v il v bb ? 4.0v ? ? v low level output voltage (r xd ) v ol ??0.4 vi in = 2 ma high level output current (r xd ) i oh -1 ? -1 a v lin = v bb , v rxd = 5.5v note 1: internal current limited. 2.0 ms maximum recovery time (r lbus = 0 , tx = 0.4 v reg , v lbus = v bb ). 2: node has to sustain the current that can flow under this condition; bus must be operational under this condition.
mcp2003/4/3a/4a ds22230d-page 14 ? 2010-2011 microchip technology inc. bus interface high level input voltage v ih (l bus ) 0.6 v bb ? ? v recessive state low level input voltage v il (l bus )-8?0.4 v bb v dominant state input hysteresis v hys ? ? 0.175 v bb vv ih (l bus ) ? v il (l bus ) low level output current i ol (l bus ) 40 ? 200 ma output voltage = 0.1 v bb , v bb = 12v high level output current i oh (l bus )??20a pull-up current on input i pu (l bus )5?180a~30k internal pull-up @ v ih (l bus ) = 0.7 v bb short circuit current limit i sc 50 ? 200 ma ( note 1 ) high level output voltage v oh (l bus ) 0.9 v bb ?v bb v driver dominant voltage v_ losup ??1.2 vv bb = 7v, r load = 500 driver dominant voltage v_ hisup ??2.0 vv bb = 18v, r load = 500 driver dominant voltage v_ losup -1 k 0.6 ? ? v v bb = 7v, r load = 1 k driver dominant voltage v_ hisup -1 k 0.8 ? ? v v bb = 18v, r load = 1 k input leakage current (at the receiver during dominant bus level) i bus _ pas _ dom -1 -0.4 ? ma driver off, v bus = 0v, v bb = 12v input leakage current (at the receiver during recessive bus level) i bus _ pas _ rec ? 12 20 a driver off, 8v < v bb < 18v 8v < v bu s < 18v v bus v bb leakage current (disconnected from ground) i bus _ no _ gnd -10 1.0 +10 a gnd device = v bb , 0v < v bus < 18v, v bb = 12v leakage current (disconnected from v bb ) i bus _ no _ vbb ?? 10 av bb = gnd, 0 < v bus < 18v, ( note 2 ) receiver center voltage v bus _ cnt 0.475 v bb 0.5 v bb 0.525 v bb vv bus _ cnt = (v il (l bus ) + v ih (l bus ))/2 slave termination r slave 20 30 47 k capacitance of slave node c slave 50 pf 2.3 dc specifications (continued) dc specifications electrical characteristics: unless otherwise indicated, all limits are specified for: v bb = 6.0v to 30.0v t a = -40c to +125c parameter sym min. typ. max. units conditions note 1: internal current limited. 2.0 ms maximum recovery time (r lbus = 0 , tx = 0.4 v reg , v lbus = v bb ). 2: node has to sustain the current that can flow under this condition; bus must be operational under this condition.
? 2010-2011 microchip technology inc. ds22230d-page 15 mcp2003/4/3a/4a 2.4 ac specifications ac characteristics v bb = 6.0v to 27.0v; t a = -40c to +125c parameter sym min. typ. max. units test conditions bus interface ? constant slope time parameters slope rising and falling edges tslope 3.5 ? 22.5 s 7.3v <= v bb <= 18v propagation delay of transmitter ttranspd ? ? 4.0 s ttranspd = max (ttranspdr or ttranspdf) propagation delay of receiver trecpd ? ? 6.0 s trecpd = max (trecpdr or trecpdf) symmetry of propagation delay of receiver rising edge w.r.t. falling edge trecsym -2.0 ? 2.0 s trecsym = max (trecpdf ? trecpdr) r rxd 2.4 to v cc , c rxd 20 p f symmetry of propagation delay of transmitter rising edge w.r.t. falling edge ttrans- sym -2.0 ? 2.0 s ttranssym = max (ttranspdf - ttranspdr) time to sample of fault/txe for bus conflict reporting tfault ? ? 32.5 s tfault = max (ttranspd + tslope + trecpd) duty cycle 1 @20.0 kbit/sec .396 ? ? cbus; rbus conditions: 1nf; 1k | 6.8 nf; 660 | 10 nf; 500 threc(max) = 0.744 x v bb , thdom(max) = 0.581 x v bb , v bb =7.0v ? 18v; tbit = 50 s d1 = tbus_rec(min)/2 x tbit) duty cycle 2 @20.0 kbit/sec ? ? .581 cbus; rbus conditions: 1nf; 1k | 6.8 nf; 660 | 10 nf; 500 threc(max) = 0.284 x v bb , thdom(max) = 0.422 x v bb , v bb =7.6v ? 18v; tbit = 50 s d2 = tbus_rec(max)/2 x tbit) duty cycle 3 @10.4 kbit/sec .417 ? ? cbus; rbus conditions: 1nf; 1k | 6.8 nf; 660 | 10 nf; 500 threc(max) = 0.778 x v bb , thdom(max) = 0.616 x v bb , v bb =7.0v ? 18v; tbit = 96 s d3 = tbus_rec(min)/2 x tbit) duty cycle 4 @10.4 kbit/sec ? ? .590 cbus; rbus conditions: 1nf; 1k | 6.8 nf; 660 | 10 nf; 500 threc(max) = 0.251 x v bb , thdom(max) = 0.389 x v bb , v bb =7.6v ? 18v; tbit = 96 s d4 = tbus_rec(max)/2 x tbit) wake-up timing bus activity debounce time tbdb 5 20 s mcp2003/2004 30 70 125 s MCP2003A/2004a bus activity to vren on tbactve 35 150 s mcp2003/2004 10 30 90 s MCP2003A/2004a wake to vren on twake 150 s chip select to vren on tcsor ? 150 s vren floating chip select to vren off tcspd ? 80 s vren floating
mcp2003/4/3a/4a ds22230d-page 16 ? 2010-2011 microchip technology inc. 2.5 thermal specifications thermal characteristics parameter symbol typ max units test conditions recovery temperature recovery +140 ? c shutdown temperature shutdown +150 ? c short circuit recovery time t therm 1.5 5.0 ms thermal package resistances thermal resistance, 8l-dfn ja 35.7 ? c/w thermal resistance, 8l-pdip ja 89.3 ? c/w thermal resistance, 8l-soic ja 149.5 ? c/w note 1: the maximum power dissipation is a function of t jmax , ja and ambient temperature t a . the maximum allowable power dissipation at an ambient temperature is p d = (t jmax - t a ) ja . if this dissipation is exceeded, the die temperature will rise above 150 c and the device will go into thermal shutdown.
? 2010-2011 microchip technology inc. ds22230d-page 17 mcp2003/4/3a/4a 2.6 typical performance curves note: unless otherwise indicated, v bb = 6.0v to 18.0v, t a = -40c to +125c. figure 2-1: typical ibbq figure 2-2: typical ibbpd figure 2-3: typical ibbto note: the graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. the performance characteristics listed herein are not tested or guaranteed. in some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 6 7.3 12 14.4 18 v bb (v) current (ma) -40c 25c 85c 125c 0 0.001 0.002 0.003 0.004 0.005 0.006 0.007 0.008 6 7.3 12 14.4 18 v bb (v) current (ma) -40c 25c 85c 125c 0 0.02 0.04 0.06 0.08 0.1 0.12 6v 7.3v 12v 14.4v 18v v bb (v) current (ma) -40c 25c 85c 125c
mcp2003/4/3a/4a ds22230d-page 18 ? 2010-2011 microchip technology inc. 2.7 timing diagrams and specifications figure 2-4: bus timing diagram figure 2-5: cs to v ren timing diagram .95v lbus 0.05v lbus t transpdr t recpdr t transpdf t recpdf t xd l bus r xd internal t xd /r xd compare fault sampling t fault t fault fault /txe output stable stable stable match match match match match hold value hold value 50% 50% .50v bb 50% 50% 0.0v t cspd t csor cs v ren v bb o ff
? 2010-2011 microchip technology inc. ds22230d-page 19 mcp2003/4/3a/4a figure 2-6: mcp2003/4 remote wake-up figure 2-7: MCP2003A/4a remote wake-up
mcp2003/4/3a/4a ds22230d-page 20 ? 2010-2011 microchip technology inc. 3.0 packaging information 3.1 package marking information 8-lead pdip (300 mil) examples: 8-lead soic (150 mil) examples: e/p^^256 1148 mcp2003 e sn^^1148 256 MCP2003A 3 e 3 e examples : 2004a 1148 256 e/md ^^ 3 e 8-lead dfn (4x4) legend: xx...x customer-specific information y year code (last digit of calendar year) yy year code (last 2 digits of calendar year) ww week code (week of january 1 is week ?01?) nnn alphanumeric traceability code pb-free jedec designator for matte tin (sn) * this package is pb-free. the pb-free jedec designator ( ) can be found on the outer packaging for this package. note : in the event the full microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e e/p^^256 0948 2003 ae sn^^0948 256 mcp2003 3 e 3 e 2004 0948 256 e/md ^^ 3 e xxxx nnn yyww pin 1 xxxxxxxx xxxxxnnn yyww nnn
? 2010-2011 microchip technology inc. ds22230d-page 21 mcp2003/4/3a/4a 8-lead plastic dual flat, no lead package (md) ? 4x4x0.9 mm body [dfn] note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging microchip technology drawing c04-131e sheet 1 of 2
mcp2003/4/3a/4a ds22230d-page 22 ? 2010-2011 microchip technology inc. 8-lead plastic dual flat, no lead package (md) ? 4x4x0.9 mm body [dfn] note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging microchip technology drawing c04-131e sheet 2 of 2
? 2010-2011 microchip technology inc. ds22230d-page 23 mcp2003/4/3a/4a note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging
mcp2003/4/3a/4a ds22230d-page 24 ? 2010-2011 microchip technology inc. n e1 note 1 d 12 3 a a1 a2 l b1 b e e eb c
? 2010-2011 microchip technology inc. ds22230d-page 25 mcp2003/4/3a/4a note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging
mcp2003/4/3a/4a ds22230d-page 26 ? 2010-2011 microchip technology inc. note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging
? 2010-2011 microchip technology inc. ds22230d-page 27 mcp2003/4/3a/4a
mcp2003/4/3a/4a ds22230d-page 28 ? 2010-2011 microchip technology inc. notes:
? 2010-2011 microchip technology inc. ds22230d-page 29 mcp2003/4/3a/4a appendix a: revision history revision d (december 2011) the following is the list of modifications: 1. added the MCP2003A and mcp2004a devices and related information throughout the document. 2. updated figures 1.2, 1.3, 1.4, 1.5, 2.6, 2.7. revision c (august 2010) the following is the list of modifications: 1. updated all references of sleep mode to power- down mode, and updated the max. parameter for duty cycle 2 in section 2.4 ?ac specifica- tions? . revision b (july 2010) the following is the list of modifications: 1. added section 2.2 ?nomenclature used in this document? , and added the ?capacitance of slave node? parameter to section 2.3 ?dc specifications? . revision a (march 2010) ? original release of this document.
mcp2003/4/3a/4a ds22230d-page 30 ? 2010-2011 microchip technology inc. notes:
? 2010-2011 microchip technology inc. ds22230d-page 31 mcp2003/4/3a/4a product identification system to order or obtain information, e. g., on pricing or delivery, refer to the factory or the listed sales office . part no. x /xx package temperature range device device: mcp2003: lin transceiver, with wake pins, wake up on falling edge of lbus mcp2003t: lin transceiver, with wake pins, wake up on falling edge of lbus (tape and reel) (dfn and soic) MCP2003A: lin transceiver, with wake pins, wake up on rising edge of lbus MCP2003At: lin transceiver, with wake pins, wake up on rising edge of lbus (tape and reel) (dfn and soic) mcp2004: lin transceiver with fault /txe pins, wake up on falling edge of lbus mcp2004t: lin transceiver with fault /txe pins, wake up on falling edge of lbus (tape and reel) (dfn and soic) mcp2004a: lin transceiver with fault /txe pins, wake up on rising edge of lbus mcp2004at: lin transceiver with fault /txe pins, wake up on rising edge of lbus (tape and reel) (dfn and soic) temperature range: e = -40c to +125c package: md = plastic micro small outline (4x4), 8-lead p = plastic dip (300 mil body), 8-lead, 14-lead sn = plastic soic, (150 mil body), 8-lead examples: a) MCP2003A-e/md: extended temperature, 8l-dfn package b) MCP2003A-e/p: extended temperature, 8l-pdip package c) MCP2003A-e/sn: extended temperature, 8l-soic package d) MCP2003At-e/md: tape and reel, extended temperature, 8l-dfn package e) MCP2003At-e/sn: tape and reel, extended temperature, 8l-soic package a) mcp2004-e/md: extended temperature, 8l-dfn package b) mcp2004-e/p: extended temperature, 8l-pdip package c) mcp2004a-e/sn: extended temperature, 8l-soic package d) mcp2004at-e/md: tape and reel, extended temperature, 8l-dfn package e) mcp2004at-e/sn: tape and reel, extended temperature, 8l-soic package
mcp2003/4/3a/4a ds22230d-page 32 ? 2010-2011 microchip technology inc. notes:
? 2010-2011 microchip technology inc. ds22230d-page 33 information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application meets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safety applications is entirely at the buyer?s risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting from such use. no licenses are conveyed, implicitly or otherwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, dspic, k ee l oq , k ee l oq logo, mplab, pic, picmicro, picstart, pic 32 logo, rfpic and uni/o are registered trademarks of microchip technology incorporated in the u.s.a. and other countries. filterlab, hampshire, hi-tech c, linear active thermistor, mxdev, mxlab, seeval and the embedded control solutions company are registered trademarks of microchip technology incorporated in the u.s.a. analog-for-the-digital age, app lication maestro, chipkit, chipkit logo, codeguard, dspicdem, dspicdem.net, dspicworks, dsspeak, ecan, economonitor, fansense, hi-tide, in-circuit serial programming, icsp, mindi, miwi, mpasm, mplab certified logo, mplib, mplink, mtouch, omniscient code generation, picc, picc-18, picdem, picdem.net, pickit, pictail, real ice, rflab, select mode, total endurance, tsharc, uniwindriver, wiperlock and zena are trademarks of microchip technology incorporated in the u.s.a. and other countries. sqtp is a service mark of microchip technology incorporated in the u.s.a. all other trademarks mentioned herein are property of their respective companies. ? 2010-2011, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. isbn: 978-1-61341-920-5 note the following details of the code protection feature on microchip devices: ? microchip products meet the specification cont ained in their particular microchip data sheet. ? microchip believes that its family of products is one of the most secure families of its kind on the market today, when used i n the intended manner and under normal conditions. ? there are dishonest and possibly illegal methods used to breach the code protection feature. all of these methods, to our knowledge, require using the microchip produc ts in a manner outside the operating specif ications contained in microchip?s data sheets. most likely, the person doing so is engaged in theft of intellectual property. ? microchip is willing to work with the customer who is concerned about the integrity of their code. ? neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are co mmitted to continuously improvin g the code protection features of our products. attempts to break microchip?s code protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2009 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona; gresham, oregon and design centers in california and india. the company?s quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperipherals, nonvolatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001:2000 certified.
ds22230d-page 34 ? 2010-2011 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://www.microchip.com/ support web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 cleveland independence, oh tel: 216-447-0464 fax: 216-447-0643 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 indianapolis noblesville, in tel: 317-773-8323 fax: 317-773-5453 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 santa clara santa clara, ca tel: 408-961-6444 fax: 408-961-6445 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway harbour city, kowloon hong kong tel: 852-2401-1200 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8569-7000 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - chongqing tel: 86-23-8980-9588 fax: 86-23-8980-9500 china - hangzhou tel: 86-571-2819-3187 fax: 86-571-2819-3189 china - hong kong sar tel: 852-2401-1200 fax: 852-2401-3431 china - nanjing tel: 86-25-8473-2460 fax: 86-25-8473-2470 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8203-2660 fax: 86-755-8203-1760 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7252 fax: 86-29-8833-7256 china - xiamen tel: 86-592-2388138 fax: 86-592-2388130 china - zhuhai tel: 86-756-3210040 fax: 86-756-3210049 asia/pacific india - bangalore tel: 91-80-3090-4444 fax: 91-80-3090-4123 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - osaka tel: 81-66-152-7160 fax: 81-66-152-9310 japan - yokohama tel: 81-45-471- 6166 fax: 81-45-471-6122 korea - daegu tel: 82-53-744-4301 fax: 82-53-744-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - kuala lumpur tel: 60-3-6201-9857 fax: 60-3-6201-9859 malaysia - penang tel: 60-4-227-8870 fax: 60-4-227-4068 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-5778-366 fax: 886-3-5770-955 taiwan - kaohsiung tel: 886-7-536-4818 fax: 886-7-330-9305 taiwan - taipei tel: 886-2-2500-6610 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 worldwide sales and service 11/29/11


▲Up To Search▲   

 
Price & Availability of MCP2003A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X